PART |
Description |
Maker |
MCAK1604NBWB |
Keypad, 4 × 4 Array, Plastic
|
List of Unclassifed Manufacturers
|
BGA-320P-M06 |
PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
|
Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited]
|
AT24C04Y3-10YI-1.8 AT24C04Y3-10YI-2.7 AT24C04Y1-10 |
SERIAL EEPROM|512X8|CMOS|LLCC|8PIN|PLASTIC SERIAL EEPROM|1KX8|MOS|LLCC|8PIN|PLASTIC SERIAL EEPROM|2KX8|CMOS|LLCC|8PIN|PLASTIC 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 6.40 X 3.65 MM, ARRAY PACKAGE, TSSOP-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 6.40 X 3.65 MM, ARRAY PACKAGE, TSSOP-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 6.40 X 3.65 MM, ARRAY PACKAGE, TSSOP-8
|
Atmel, Corp.
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LDS6028 |
PureTouch Capacitance Touch IC with Integrated Keypad LED Drivers PureTouch垄芒 Capacitance Touch IC with Integrated Keypad LED Drivers
|
Integrated Device Technology
|
LDS6023 |
PureTouch Capacitance Touch IC with Integrated Keypad LED Drivers PureTouch垄芒 Capacitance Touch IC with Integrated Keypad LED Drivers
|
Integrated Device Technology
|
PHAP4383VU4532 PHAP4683WU4532 |
KEYPAD SWITCH, DPDT, MOMENTARY, 0.1A, 30VDC, 2.5 N, THROUGH HOLE-STRAIGHT KEYPAD SWITCH, DPDT, LATCHED, 0.1A, 30VDC, 2.5 N, THROUGH HOLE-STRAIGHT
|
Vishay Intertechnology, Inc.
|
SOT926-1 |
plastic thin fine-pitch ball grid array package; 100 balls; body 9 x 9 x 0.7 mm
|
NXP Semiconductors
|
ADP5589CP-EVALZ ADP5589ACBZ-00-R7 ADP5589ACBZ-01-R |
Keypad Decoder and I/O Expansion
|
Analog Devices
|
KT11SM34LFS KT1B034LFS KT1SM34LFS KT11B1SAM35LFS K |
Right Angle Sealed Tact Switch for SMT KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.031A, 32VDC, SURFACE MOUNT-RIGHT ANGLE KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.031A, 32VDC, SURFACE MOUNT-STRAIGHT
|
C&K Components C & K COMPONENTS INC
|
CM2500 |
CMOS Multiplexer for Keypad Switches
|
California Micro Devices
|
|